| Moteur de recherche de fiches techniques de composants électroniques |
|
TSV6291ICT Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV6291ICT Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 23 page ![]() TSV6290, TSV6290A, TSV6291, TSV6291A Package information Doc ID 17117 Rev 1 19/23 4.4 SC70-6 (or SOT323-6) package mechanical data Figure 26. SC70-6 (or SOT323-6) package mechanical drawing Table 12. SC70-6 (or SOT323-6) package mechanical data Ref Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 0.80 1.10 0.031 0.043 A1 0.10 0.004 A2 0.80 1.00 0.031 0.039 b 0.15 0.30 0.006 0.012 c 0.10 0.18 0.004 0.007 D 1.80 2.20 0.071 0.086 E 1.15 1.35 0.045 0.053 e 0.65 0.026 HE 1.80 2.40 0.071 0.094 L 0.10 0.40 0.004 0.016 Q1 0.10 0.40 0.004 0.016 |