| Moteur de recherche de fiches techniques de composants électroniques |
|
TSV6291ICT Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV6291ICT Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 23 page ![]() Electrical characteristics TSV6290, TSV6290A, TSV6291, TSV6291A 10/23 Doc ID 17117 Rev 1 Figure 7. Positive slew rate vs. supply voltage in closed loop Figure 8. Negative slew rate vs. supply voltage in closed loop R Load =10k Ω, C Load =100pF, A CL =−10 V in : from 0.5V to V CC+ −0.5V SR calculated from 10% to 90% V icm =V CC /2 T=25°C T=125°C T=−40°C Supply voltage (V) T=25°C R Load =10k Ω, C Load =100pF, A CL =−10 V in : from V CC+ −0.5V to 0.5V SR calculated from 10% to 90% V icm =V CC /2 T=125°C T=−40°C Supply voltage (V) Figure 9. Slew rate vs. supply voltage in open loop Figure 10. Slew rate timing in open loop Open loop configuration, T = 25 C R Load =10k Ω, C Load =100pF, V in =1V PP , V icm =V CC /2 SR calculated from 0.5V to V CC -0.5V Supply voltage (V) Open loop,R Load =10k Ω C Load =100pF, V icm =V CC /2 T=25°C, V CC =5V, V in = 1V PP Time (µs) Figure 11. Slew rate timing in closed loop Figure 12. Noise at VCC = 5 V V in V out R Load =10k Ω, C Load =100pF, V icm =V CC /2, A CL =−10 T=25°C, V CC =5V Time (µs) V cc =5V T=25 C V icm =4.5V V icm =2.5V Frequency (Hz) |