| Moteur de recherche de fiches techniques de composants électroniques |
|
HVLED805 Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HVLED805 Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 29 page ![]() HVLED805 Application information Doc ID 18077 Rev 1 19/29 Equation 6 Combining (2), (3) (5) and (6): Equation 7 This formula shows that the average output current does not depend anymore on the input or the output voltage, neither on transformer inductance values. The external parameters defining the output current are the transformer ratio n and the sense resistor RSENSE. Figure 15. Current control principle SENSE C P R V I = SENSE CLED OUT R V 2 n I ⋅ = From R sense . To PWM Logic CLED Rdmg DEMAG LOGIC S R Q R Rfb Iref Q1 Aux CC ILED DMG |