| Moteur de recherche de fiches techniques de composants électroniques |
|
HVLED805 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HVLED805 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 29 page ![]() HVLED805 Pin connection Doc ID 18077 Rev 1 7/29 4 Pin connection Note: The copper area for heat dissipation has to be designed under the drain pins Figure 2. Pin connection (top view) SOURCE SOURCE VCC GND ILED DMG COMP N.A. N.A. N.A. N.A. N.C. DRAIN DRAIN DRAIN DRAIN 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 |