Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8510 Fiches technique(PDF) 36 Page - ams AG

No de pièce AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Fiches technique(HTML) 36 Page - ams AG

Back Button AS8510 Datasheet HTML 32Page - ams AG AS8510 Datasheet HTML 33Page - ams AG AS8510 Datasheet HTML 34Page - ams AG AS8510 Datasheet HTML 35Page - ams AG AS8510 Datasheet HTML 36Page - ams AG AS8510 Datasheet HTML 37Page - ams AG AS8510 Datasheet HTML 38Page - ams AG AS8510 Datasheet HTML 39Page - ams AG AS8510 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
www.austriamicrosystems.com/AS8510
Revision 3.4
36 - 46
AS8510
Datasheet - Detailed Descr i p ti on
Digital Signal path control registers for Voltage Channel
45
DEC_REG_R1_V
0100_ 0101
R/W
D[7]
Selection of Decimation ratio for Voltage/Temperature
channel.
Default is 0 (Down Sampling Rate is 64)
0
Down Sampling Rate is 64
1
Down Sampling Rate is 128
D[6:5]
Division of oversampling clock, which is used as
Chopper Clock. Default is 10 (divide by 512)
00
Chopper Clock Always High
01
Divide by 256
10
Divide by 512
11
Divide by 1024
D[4:1]
Decimation ratio of CIC2. Default is 0010 (4)
0000
1
0001
2
0010
4
0011
8
0100
16
0101
32
0110
64
0111
128
1000
256
1001
512
1010
1024
1011
2048
1100
4096
1101
8192
1110
16384
1111
32768
D[0]
CIC1 Saturation Interrupt Mask Control.
Default is 1
0Unmasked
1Masked
Table 33. Control Registers
Addr in
HEX
Register Name
POR Value
R/W
8-bit Control / Status Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46