Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8510 Fiches technique(PDF) 29 Page - ams AG

No de pièce AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Fiches technique(HTML) 29 Page - ams AG

Back Button AS8510 Datasheet HTML 25Page - ams AG AS8510 Datasheet HTML 26Page - ams AG AS8510 Datasheet HTML 27Page - ams AG AS8510 Datasheet HTML 28Page - ams AG AS8510 Datasheet HTML 29Page - ams AG AS8510 Datasheet HTML 30Page - ams AG AS8510 Datasheet HTML 31Page - ams AG AS8510 Datasheet HTML 32Page - ams AG AS8510 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
www.austriamicrosystems.com/AS8510
Revision 3.4
29 - 46
AS8510
Datasheet - Detailed Descr i p ti on
06
DEC_REG_R2_I
1100_0101
R/W
D[7]
I-Channel Enable, Default 1=enable
D[6]
V-Channel Enable, Default 1=enable
D[5]
Interrupt polarity
0
Active high
1
Active low
D[4]
. Interrupt Mask Control for Current Channel Data
Ready Interrupt on INT pin (Default is 0)
0Unmasked
1Masked
D[3:2]
These two bits select the source of output 16-bit data in
Normal mode from Current channel. Default is 01
00
FIR / MA Output
01
CIC2 Output
10
Dechop/Demod Output
11
CIC1 Output
D[1:0]
These two bits select the source of output 16-bit data in
SBM mode from Current channel. Default is 01
00
FIR / MA Output
01
CIC2 Output
10
Dechop/Demod Output
11
CIC1 Output
Table 33. Control Registers
Addr in
HEX
Register Name
POR Value
R/W
8-bit Control / Status Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46