Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8221 Fiches technique(PDF) 28 Page - ams AG

No de pièce AS8221
Description  FlexRay Standard Transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8221 Fiches technique(HTML) 28 Page - ams AG

Back Button AS8221_2 Datasheet HTML 24Page - ams AG AS8221_2 Datasheet HTML 25Page - ams AG AS8221_2 Datasheet HTML 26Page - ams AG AS8221_2 Datasheet HTML 27Page - ams AG AS8221_2 Datasheet HTML 28Page - ams AG AS8221_2 Datasheet HTML 29Page - ams AG AS8221_2 Datasheet HTML 30Page - ams AG AS8221_2 Datasheet HTML 31Page - ams AG AS8221_2 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
AS8221
Datasheet - Application In form atio n
www.austriamicrosystems.com/flexray/AS8221
Revision 1.4
28 - 41
9.10.1 Bus Activity and Idle Detection (only in NORMAL and RECEIVE-ONLY mode)
If the absolute differential bus voltage is higher than VBUSActiveLow and less than VBUSActiveHigh for a time longer than tBUSIdleDetection, bus Idle is
detected, RxEN and RxD are switched to logical high after a time tBUSIdleReaction.
If the absolute differential bus voltage is higher than VBUSActiveHigh or lower than VBUSActiveLow for a time loner than tBUSActivitiyDetection, bus
Activity is detected, RxEN is switched to logical low and RxD shows the detected bus data according to Table 11 after the time tBUSActivityReaction.
9.10.2 Bus Data Detection (only in NORMAL and RECEIVE-ONLY mode)
If, after activity detection the differential bus voltage is higher than VData1, RxD will be high after a time tBUS_RxD01.
If, after activity detection the differential bus voltage is lower than VData0, RxD will be low after a time tBUS_RxD10.
Figure 16. Receiver Characteristics (BUS
→ RxD, RxEN)
Table 11. Logic Table for Receiver Bus Signal Detection
Receiver Operation Mode
Bus Signals
RxEN
RxD
Normal power modes
(NORMAL and RECEIVE-ONLY mode)
Idle
H
H
Data0
L
L
Data1
L
H
VRxD
VBUS
VBUS_ActiveLow
VData0
VBUS_ActiveHigh
VData1
Data0
Activity
Idle
Data1
Activity
VRxEN
VBUS
VBUS
VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41