| Moteur de recherche de fiches techniques de composants électroniques |
|
AS8221 Fiches technique(PDF) 20 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8221 Fiches technique(HTML) 20 Page - ams AG |
|
20 / 41 page ![]() AS8221 Datasheet - Application In form atio n www.austriamicrosystems.com/flexray/AS8221 Revision 1.4 20 - 41 Notes: 1. If GO-TO-SLEEP is selected for more than tSLEEP then the device will enter SLEEP only if the wake-up flag is not set otherwise it will remain in GO-TO-SLEEP. 2. If wake-up flag is set INH2=H otherwise INH2=floating. 3. Starting from SLEEP, if the wake-up flag is set, the device enters STANDBY regardless the host pins state and UV flags. Starting from SLEEP, if the wake-up flag is not set, the only operating mode that can be entered through host pins are the non-low-power modes. 9.2.1 Operating Mode Transitions Table 7. Transition Table Transition Event Under Voltage Flag Wake Flag Host Input Remarks Start Point Destination VIO VBAT VCC STBN EN NORMAL RECEIVE-ONLY S L L L X H (1) H →L STANDBY U L L (1) L →H(2) X→LH H GO-TO-SLEEP S L L L (2) X →L(1) H→LH sleep timer enabled SLEEP U(1) L →HL L (2) X →LH H U L (1) L →H(2) X→LH H RECEIVE- ONLY NORMAL S L L L X H (1) L →H STANDBY S L L L (2) X →L(1) H→LL UL L (1) L →H(2) X→LH L SLEEP U(1) L →HL L (2) X →LH L U L (1) L →H L (2) X →LH L STANDBY NORMAL UL L (1) H →LL H H WL L (2) H →L(1) L→HH H RECEIVE-ONLY SL L L X (1) L →HL UL L (1) H →LL H L WL L (2) H →L(1) L→HH L GO-TO-SLEEP S L L L L L (1) L →H sleep timer enabled S L L L H L (1) L →H sleep timer disabled UL L (1) H →LL L H sleep timer enabled WL L (2) H →L(1) L→HL H sleep timer disabled SLEEP U(1) L →HL L (2) X →LL L U(1) L →HL H L X X U L (1) L →H L (2) X →LL L STANDBY WL L (2) X →L(1) L→HL L UL L (1) L →H(2) X→LL L UL L (1) H →LL L L SL L H L (1) L ↔HX S L L H L X (1) L ↔H |