| Moteur de recherche de fiches techniques de composants électroniques |
|
SC1202A Fiches technique(PDF) 3 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1202A Fiches technique(HTML) 3 Page - Semtech Corporation |
|
3 / 5 page ![]() 3 ã 2000 Semtech Corp. www.semtech.com SC1202 & SC1202A POWER MANAGEMENT r e t e m a r a Pl o b m y SV N I I o T J ) 4 ( n i Mp y Tx a Ms ti n U y ti li b a t S e r u t a r e p m e TT S . T . O5 . 0% t n e rr u C d a o L m u m i n i M n o i s r e V e g a tl o V .j d A I ) N I M ( O V 5T . O5 0 1A m e s i o N t u p t u O S M R ) 2 ( V N C ° 5 23 0 0 . 0V % O o it a R n o it c e j e R e l p p i R ) 3 ( R A V 5A m 0 0 6. T . O0 62 7B d NOTES: (1) Low duty cycle pulse testing with Kelvin connections required. (2) Bandwidth of 10 Hz to 10 kHz. (3) 120 Hz input ripple, (C ADJ for ADJ = 25µF). (4) Over Temp. (O.T.) = over specified operating junction temperature range. Unless otherwise specified, Adj. V IN = 2.65 to 7V (15.0V for A version) and Adj. IO = 10mA to 600mA; Fixed V IN = 4.75 to 7V (15.0V for A version) and Fixed IO = 0mA to 600mA Electrical Characteristics (Cont.) |