| Moteur de recherche de fiches techniques de composants électroniques |
|
SC1202A Fiches technique(PDF) 1 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1202A Fiches technique(HTML) 1 Page - Semtech Corporation |
|
1 / 5 page ![]() 1 www.semtech.com SC1202 & SC1202A 600mA Low Dropout Positive Voltage Regulator POWER MANAGEMENT Revision 8/30/2000 The SC1202 series of high performance positive voltage regulators are designed for use in applications requiring low dropout performance at full rated current. Additionally, the SC1202 series provides excellent regulation over variations due to line, load and temperature. Outstanding features include low dropout performance at rated current, fast transient response, internal current limiting and thermal shutdown protection of the output device. The SC1202 series are three terminal regulators available in the surface mount SOT-223 package. u Low dropout performance, 1.3V max. u Full current rating over line and temperature u Fast transient response u ±2% total output regulation over line, load and temperature u Adjust pin current max. 90µA over temperature u Adjustable or fixed output voltages u Line regulation 0.2% max. u Load regulation 0.4% max. u SOT-223 package u Low voltage microcontrollers u Microprocessor I/O supplies u 5V to 3.3V conversion for memory, ASIC, custom circuits, etc. VIN > 4.75V VOUT = 3.45V VIN > 4.75V VOUT = 3.3V R2 232 Ohm, 1% R1 133 Ohm, 1% + C2 10uF Tant. + C1 10uF Tant. U1 SC1202 1 2 3 ADJ OUT IN TAB U1 SC1202-3.3 1 2 3 GND OUT IN TAB + C2 10uF Tant. + C1 10uF Tant. Notes: (1) C1 needed if device is far from filter capacitors (2) C2 minimum value required for stability 2 R I 1 R 2 R 1 V V ADJ REF OUT • + + • = Fixed Voltage Regulator Adjustable Voltage Regulator Features Applications Description Typical Application Circuits |
Numéro de pièce similaire - SC1202A |
|
Description similaire - SC1202A |