| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP320LF2401AVFS Fiches technique(PDF) 69 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320LF2401AVFS Fiches technique(HTML) 69 Page - Texas Instruments |
|
69 / 88 page ![]() TMS320LF2401A, TMS320LC2401A DSP CONTROLLERS SPRS161K − MARCH 2001 − REVISED JULY 2007 69 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 low-power mode timing (continued) td(EX) td(IDLE−COH) td(IDLE−OSC) RESET CLKOUT A0−A15 td(WAKE−OSC) tw(RSL) tp † In 2401A, CLKOUT will not be seen at the pin, only in some modes; it can be enabled in software. ‡ Unlike other 24x/240x devices, the CLKOUT signal does not appear on the CLKOUT pin by default (after a device reset). The CLKOUT waveform depicted in the figure is present internally in the DSP. However, in order to route the internal CLKOUT signal to the XINT2/ADCSOC/CAP1/IOPA7/CLKOUT pin, bit 7 of the MCRA register must be programmed appropriately. Figure 32. HALT Mode − LPM2 |