Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP320LF2401AVFS Fiches technique(PDF) 37 Page - Texas Instruments

No de pièce TMP320LF2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMP320LF2401AVFS Fiches technique(HTML) 37 Page - Texas Instruments

Back Button TMP320LF2401AVFS Datasheet HTML 33Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 34Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 35Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 36Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 37Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 38Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 39Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 40Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
37
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PERIPHERALS
The integrated peripherals of the TMS320Lx2401A are described in the following subsections:
D Event-manager module (EVA)
D Enhanced analog-to-digital converter (ADC) module
D Serial communications interface (SCI) module
D PLL-based clock module
D Digital I/O and shared pin functions
D Watchdog (WD) timer module
event manager module (EVA)
The event-manager module includes general-purpose (GP) timers, full-compare/PWM units, and a capture unit.
Table 7 shows the module and signal names used. Table 7 also shows the features and functionality available
for the event-manager module.
The EVA peripheral register set starts at 7400h. The paragraphs in this section describe the function of the GP
timers, the compare units, and the capture unit.
Table 7. Module and Signal Names for EVA
EVENT MANAGER MODULES
MODULE
SIGNAL
GP Timers
Timer 1
Timer 2
—
T2PWM/T2CMP
Compare Units
Compare 1
Compare 2
Compare 3
PWM1/2
PWM3/4
PWM5/6
Capture Unit
Capture 1
CAP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88