Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6738TR Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce L6738TR
Description  Single-phase PWM controller with light-load efficiency optimization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738TR Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button L6738TR Datasheet HTML 24Page - STMicroelectronics L6738TR Datasheet HTML 25Page - STMicroelectronics L6738TR Datasheet HTML 26Page - STMicroelectronics L6738TR Datasheet HTML 27Page - STMicroelectronics L6738TR Datasheet HTML 28Page - STMicroelectronics L6738TR Datasheet HTML 29Page - STMicroelectronics L6738TR Datasheet HTML 30Page - STMicroelectronics L6738TR Datasheet HTML 31Page - STMicroelectronics L6738TR Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
L6738
Package mechanical data
Doc ID 18133 Rev 1
29/32
11
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions, and product status are available at
www.st.com. ECOPACK
is an ST registered trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32