Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6738TR Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce L6738TR
Description  Single-phase PWM controller with light-load efficiency optimization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738TR Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button L6738TR Datasheet HTML 15Page - STMicroelectronics L6738TR Datasheet HTML 16Page - STMicroelectronics L6738TR Datasheet HTML 17Page - STMicroelectronics L6738TR Datasheet HTML 18Page - STMicroelectronics L6738TR Datasheet HTML 19Page - STMicroelectronics L6738TR Datasheet HTML 20Page - STMicroelectronics L6738TR Datasheet HTML 21Page - STMicroelectronics L6738TR Datasheet HTML 22Page - STMicroelectronics L6738TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
L6738
Main oscillator
Doc ID 18133 Rev 1
19/32
7.1
Synchronization
The L6738 provides the user with the possibility to synchronize to an external signal when
properly connected to the SYNCH pin. Synchronization allows different converters to share
the same input filter reducing the resulting IRMS and so reducing the total capacitor count
required to sustain the load. Furthermore, synchronized systems generally exhibit higher
noise immunity and better regulation.
The device synchronizes the high-side MOSFET turn-on with the falling-edge of the synch
signal locking the internal sawtooth generator to the external signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32