| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8591 Fiches technique(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8591 Fiches technique(HTML) 15 Page - NXP Semiconductors |
|
15 / 28 page ![]() 2003 Jan 27 15 Philips Semiconductors Product specification 8-bit A/D and D/A converter PCF8591 9 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). 10 HANDLING Inputs and outputs are protected against electrostatic discharge in normal handling. However it is good practice to take normal precautions appropriate to handling MOS devices (see “Handling MOS devices”). SYMBOL PARAMETER MIN. MAX. UNIT VDD supply voltage (pin 16) −0.5 +8.0 V VI input voltage (any input) −0.5 VDD + 0.5 V II DC input current −±10 mA IO DC output current −±20 mA IDD, ISS VDD or VSS current −±50 mA Ptot total power dissipation per package − 300 mW PO power dissipation per output − 100 mW Tamb operating ambient temperature −40 +85 °C Tstg storage temperature −65 +150 °C |