Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAU1373BCBZ-R7 Fiches technique(PDF) 240 Page - Analog Devices

No de pièce ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Fiches technique(HTML) 240 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 236Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 237Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 238Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 239Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 240Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 241Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 242Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 243Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 244Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 296 page
background image
ADAU1373
Rev. 0 | Page 240 of 296
EQ_CTRL2 REGISTER
Address: 0xBF, Reset: 0x00, Name: EQ_CTRL2
Equalizer Control
Table 214. Bit Descriptions for EQ_CTRL2
Bits
Bit Name
Settings
Description
Reset
Access
7
EQEN
EQ Enable. Equalizer enable/disable control.
0x0
RW
0
EQ disable
1
EQ enable
6
EQBP7
EQ Band 7 Bypass When EQ Enabled. Equalizer 7 bypass control.
0x0
RW
0
No bypass
1
Bypass EQ Band 7
5
EQBP6
EQ Band 6 Bypass When EQ Enabled. Equalizer 6 bypass control.
0x0
RW
0
No bypass
1
Bypass EQ Band 6
4
EQBP5
EQ Band 5 Bypass When EQ Enabled. Equalizer 5 bypass control.
0x0
RW
0
No bypass
1
Bypass EQ Band 5
3
EQBP4
EQ Band 4 Bypass When EQ Enabled. Equalizer 4 bypass control.
0x0
RW
0
No bypass
1
Bypass EQ Band 4
2
EQBP3
EQ Band 3 Bypass When EQ Enabled. Equalizer 3 bypass control.
0x0
RW
0
No bypass
1
Bypass EQ Band 3
1
EQBP2
EQ Band 2 Bypass When EQ Enabled. Equalizer 2 bypass control.
0x0
RW
0
No bypass
1
Bypass EQ Band 2
0
EQBP1
EQ Band 1 Bypass When EQ Enabled. Equalizer 1 bypass control.
0x0
RW
0
No bypass
1
Bypass EQ Band 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More