| Moteur de recherche de fiches techniques de composants électroniques |
|
ADAU1373BCBZ-R7 Fiches technique(PDF) 239 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAU1373BCBZ-R7 Fiches technique(HTML) 239 Page - Analog Devices |
|
239 / 296 page ![]() ADAU1373 Rev. 0 | Page 239 of 296 EQ_CTRL1 REGISTER Address: 0xBE, Reset: 0x00, Name: EQ_CTRL1 Equalizer Control Table 213. Bit Descriptions for EQ_CTRL1 Bits Bit Name Settings Description Reset Access [7:5] RESERVED Reserved. 0x0 RW 4 EQ_UPDING EQ Update Status. 0x0 R 0 Normal 1 EQ updating 3 EQ_UPD_CLR EQ Update Clear. Equalizer update clear. 0x0 R 0 Normal operation 1 Interrupt coefficient update 2 EQ_FORMAT EQ Coefficient Format Selection. Equalizer coefficient format selection. 0x0 RW 0 Default (Q3.13) 1 Large gain (Q4.14) 1 EQ_UPD EQ Coefficient Registers Update Flag. Equalizer coefficient registers update status. 0x0 R 1 Update 0 None 0 EQ_WR_EN EQ Coefficient Write/Read Enable. Equalizer coefficient registers update status. 0x0 RW 1 W/R enable 0 Disable |