Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAU1373BCBZ-R7 Fiches technique(PDF) 238 Page - Analog Devices

No de pièce ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Fiches technique(HTML) 238 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 234Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 235Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 236Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 237Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 238Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 239Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 240Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 241Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 242Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 296 page
background image
ADAU1373
Rev. 0 | Page 238 of 296
PRE_HPF_CTRL REGISTER
Address: 0xBD, Reset: 0x1F, Name: PRE_HPF_CTRL
High-Pass Filter 1 Through High-Pass Filter 4 Enable Control
Table 212. Bit Descriptions for PRE_HPF_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
RW
4
PRE_HPF5_EN
Pre-Mix HPF5 Enable.
0x1
RW
3
PRE_HPF4_EN
Pre-Mix HPF4 Enable.
0x1
RW
2
PRE_HPF3_EN
Pre-Mix HPF3 Enable.
0x1
RW
1
PRE_HPF2_EN
Pre-Mix HPF2 Enable.
0x1
RW
0
PRE_HPF1_EN
Pre-Mix HPF1 Enable.
0x1
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More