| Moteur de recherche de fiches techniques de composants électroniques |
|
ISC01P Fiches technique(PDF) 5 Page - GREATECS |
|
|
|||||||||||||||||||||||||||||
ISC01P Fiches technique(HTML) 5 Page - GREATECS |
|
5 / 7 page ![]() LCD Switches Programmable OLED Video Switch and Display IS Series sales@greatecs.com www.greatecs.com 5 SMARTSWITCH BLOCK DIAGRAM & PIN CONFIGURATIONS SMARTSWITCH TYPICAL DIMENSIONS Driving Block SEG/COM Segment Driver SR1,SG1,SB1......SR52, SG52,SB52 Color OLED Panel 52RGB x 36 Gray Scale Common Driver COM1....COM36 Display Timing Oscillator Generator Decoder Command Decoder Graphic Display Data RAM 96 x 64 x 16 Bit MCU Interface OLED Driver with Controller CC V 7 DD V 1 RES 3 SCK 5 2 SS 6 SDI 4 D/C GND 8 (2.0) .079 (1.0) .039 (7.0) .276 (14.7) .579 (0.65) .026 (10.0) .394 Typ (5.25) .207 Typ (0.4) .016 Typ (15.0) .591 (15.0) .591 (14.7) .579 (10.0) .394 (16.8) .661 (1.0) .039 Typ (2.0) .079 (5.25) .207 (7.0) .276 1 2 7 8 8x (.075) Dia .029 3x (0.9) Dia .035 Landless 4x (0.9) Dia .035 (9.9) .390 (3.0) .118 (16.8) .661 (0.4) .016 Typ (0.7) .028 (2.0) .079 See Stando Detail (0.2) .008 (17.2) .677 (9.9) .390 (17.8) .701 (12.9) .508 (0.75) .030 See Pixel Detail (10.89) (7.89) .311 .429 ISC01P Terminal numbers are not on the switch. Pin No. Symbol Name Function VDD Power Power source for logic circuit SS Slave Select Slave select for SPI. This line is active low. RES Reset Reset signal input. When pin is low, initialization of chip is executed D/C Data/Command Data/Command Control. When pin is pulled low, data will be interpreted as Command; when pulled high, data will be interpreted as Data. SCK Serial Clock Clock line for SPI that synchronizes command and data SDI Serial Data In Data input line for SPI VCC Power Power source for drive OLED GND Ground Connect to ground 6 5 4 3 2 1 8 7 Pixel Detail Pixel Detail A Footprint R R G B R (0.19) .0075 (0.22) .0087 (0.04) Typ .0016 (0.07) Typ .0028 (0.21) .0083 (0.02) .0008 Typ (0.02) Typ .0008 (0.21)Typ .0083 See Pixel Detail A (0.22) Typ .0087 |