Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISC01P Fiches technique(PDF) 3 Page - GREATECS

No de pièce ISC01P
Description  Programmable OLED Video Switch and Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GREATECS [GREATECS]
Site Internet  http://www.greatecs.com
Logo GREATECS - GREATECS

ISC01P Fiches technique(HTML) 3 Page - GREATECS

  ISC01P Datasheet HTML 1Page - GREATECS ISC01P Datasheet HTML 2Page - GREATECS ISC01P Datasheet HTML 3Page - GREATECS ISC01P Datasheet HTML 4Page - GREATECS ISC01P Datasheet HTML 5Page - GREATECS ISC01P Datasheet HTML 6Page - GREATECS ISC01P Datasheet HTML 7Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LCD Switches
Programmable OLED Video Switch and Display
IS Series
sales@greatecs.com
www.greatecs.com
3
SMARTSWITCH BLOCK DIAGRAM & PIN CONFIGURATIONS
Terminal numbers are not on the switch.
Driving Block
SEG/COM
Segment Driver
SR1,SG1,SB1......SR64,
SG64,SB64
Color OLED Panel
64RGB x 48
SW
Gray Scale
Common Driver
COM1....COM48
Display Timing
Oscillator
Generator
Decoder
Command Decoder
Graphic Display
Data
RAM
96 x 64 x 16 Bit
MCU Interface
OLED Driver
with Controller
SW
1
CC
V
9
DD
V
3
RES
5
SCK
7
4
SS
8
SDI
6
D/C
GND 10
2
ISC15ANP4
Pin No.
Symbol
Name
Function
SW
Terminal of Switch
Normally open
SW
Terminal of Switch
Normally open
VDD
Power
Power source for logic circuit
SS
Slave Select
Slave select for SPI. This line is active low.
RES
Reset
Reset signal input. When pin is low, initialization of chip is
executed
D/C
Data/Command
Data/Command Control. When pin is pulled low, data will
be interpreted as Command; when pulled high, data will be
interpreted as Data.
SCK
Serial Clock
Clock line for SPI that synchronizes command and data
SDI
Serial Data In
Data input line for SPI
VCC
Power
Power source for drive OLED
GND
Ground
Connect to ground
6
5
4
3
2
1
9
8
7
10
(15.5)
.610
(23.13)
.911
(11.6)
.457
(20.59)
.811
(0.74)
.029
(9.57)
.377
(13.41)
.528
See
Pixel Detail
(23.0)
.906
(3.4)
.134
(3.3)
.130
(0.6)
.024
(0.4)
.016
Typ
Typ
See Standoff
Detail
(7.62)
.300
(16.0)
.630
(18.0)
.709
(8.0)
.315
(7.05)
.278
(2.0)
.079
(1.0)
.039
(7.0)
.276
Typ
(0.3)
.012
Typ
(0.2)
.008
Typ
1
2
3
4
9
10
Stando 1
Stando 2
Stando 2
Stando 1
(0.2)
.008
A
(1.25)
.049
(2.0) Dia
.079
(7.62)
.300
(16.0)
.630
(18.0)
.709
(8.0)
.315
(7.05)
.278
(2.0)
.079
(1.0)
.039
(7.0)
.276
Typ
8x (0.75)
.029
2x (0.9)
.035
Dia
Dia
1
2
3
4
9
10
4x (1.3) Dia
.051
Landless
Pixel Detail
Pixel Detail A
Stando Detail
Dimension A
Stando 1 = (2.7)
.106
Stando 2 = (2.3)
.091
Footprint
(0.02)
.0008
Typ
(0.20) Typ
.0079
(0.21)Typ
.0083
See Pixel
Detail A
(0.02) Typ
.0008
R
R
G B R
(0.17)
.0067
(0.20)
.0079
(0.04) Typ
.0016
(0.07) Typ
.0028
(0.21)
.0083
SMARTSWITCH TYPICAL DIMENSIONS



Html Pages

1 2 3 4 5 6 7