| Moteur de recherche de fiches techniques de composants électroniques |
|
16F1828 Fiches technique(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F1828 Fiches technique(HTML) 13 Page - Microchip Technology |
|
13 / 419 page ![]() 2010 Microchip Technology Inc. Preliminary DS41419B-page 13 PIC16(L)F1824/1828 1.0 DEVICE OVERVIEW The PIC16F/LF1824/1828 are described within this data sheet. They are available in 14/20 pin packages. Figure 1-1 shows a block diagram of the PIC16F/LF1824/1828 devices. Tables 1-2 and 1-3 show the pinout descriptions. Reference Table 1-1 for peripherals available per device. TABLE 1-1: DEVICE PERIPHERAL SUMMARY Peripheral ADC ●● Capacitive Sensing Module (CSM) ●● Data EEPROM ●● Digital-to-Analog Converter (DAC) ●● Digital Signal Modulator (DSM) ●● EUSART ●● Fixed Voltage Reference (FVR) ●● SR Latch ●● Capture/Compare/PWM Modules ECCP1 ●● ECCP2 ●● CCP3 ●● CCP4 ●● Comparators C1 ●● C2 ●● Master Synchronous Serial Ports MSSP ●● Timers Timer0 ●● Timer1 ●● Timer2 ●● Timer4 ●● Timer6 ●● |