| Moteur de recherche de fiches techniques de composants électroniques |
|
16F1828 Fiches technique(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F1828 Fiches technique(HTML) 4 Page - Microchip Technology |
|
4 / 419 page ![]() PIC16(L)F1824/1828 DS41419B-page 4 Preliminary 2010 Microchip Technology Inc. Peripheral Highlights (Continued): •SR Latch: - Multiple Set/Reset input options - Emulates 555 Timer applications PIC16F/LF1824/1828 Family Types Program Memory Data Memory PIC16LF1824 4K 256 256 12 8 8 2 4/1 1 1112 Yes PIC16F1824 4K 256 256 12 8 8 2 4/1 1 1 1 1 2 Yes PIC16LF1828 4K 256 256 18 12 12 2 4/1 1 1112 Yes PIC16F1828 4K 256 256 18 12 12 2 4/1 1 1 1 1 2 Yes Note 1: One pin is input only. |