| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC24FV32KA302 Fiches technique(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FV32KA302 Fiches technique(HTML) 18 Page - Microchip Technology |
|
18 / 320 page ![]() TABLE 1-3: PIC24FV32KA304 FAMILY PINOUT DESCRIPTIONS Function FFV I/O Buffer Description Pin Number Pin Number 20-Pin PDIP/SSOP/ SOIC 20-Pin QFN 28-Pin SPDIP/SSOP/ SOIC 28-Pin QFN 44-Pin QFN/TQFP 48-Pin UQFN 20-Pin PDIP/SSOP/ SOIC 20-Pin QFN 28-Pin SPDIP/ SSOP/ SOIC 28-Pin QFN 44-Pin QFN/TQFP 48-Pin UQFN AN0 2 19 2 27 19 21 2 19 2 27 19 21 I ANA A/D Analog Inputs AN1 3 20 3 28 20 22 3 20 3 28 20 22 I ANA AN2 4 1 4 1 21 23 4 1 4 1 21 23 I ANA AN3 5 2 5 2 22 24 5 2 5 2 22 24 I ANA AN4 6 3 6 3 23 25 6 3 6 3 23 25 I ANA AN5 — — 7 4 24 26 — — 7 4 24 26 I ANA AN6 — — — — 25 27 — — — — 25 27 I ANA AN7 — — — — 26 28 — — — — 26 28 I ANA AN8 — — — — 27 29 — — — — 27 29 I ANA AN9 18 15 26 23 15 16 18 15 26 23 15 16 I ANA AN10 17 14 25 22 14 15 17 14 25 22 14 15 I ANA AN11 16 13 24 21 11 12 16 13 24 21 11 12 I ANA AN12 15 12 23 20 10 11 15 12 23 20 10 11 I ANA AN13 7 4 9 6 30 33 7 4 9 6 30 33 I ANA AN14 8 5 10 7 31 34 8 5 10 7 31 34 I ANA AN15 9 6 11 8 33 36 9 6 11 8 33 36 I ANA ASCL1 — — 15 12 42 46 — — 15 12 42 46 I/O I2C™ Alternate I2C 1 Clock Input/Output ASDA1 — — 14 11 41 45 — — 14 11 41 45 I/O I2C Alternate I2C 1 Data Input/Output AVDD 20 17 28 25 17 18 20 17 28 25 17 18 I ANA A/D Supply Pins AVSS 19 16 27 24 16 17 19 16 27 24 16 17 I ANA C1INA 8 5 7 4 24 26 8 5 7 4 24 26 I ANA Comparator 1 Input A (+) C1INB 7 4 6 3 23 25 7 4 6 3 23 25 I ANA Comparator 1 Input B (-) C1INC 5 2 5 2 22 24 5 2 5 2 22 24 I ANA Comparator 1 Input C (+) C1IND 4 1 4 1 21 23 4 1 4 1 21 23 I ANA Comparator 1 Input D (-) C1OUT 17 14 25 22 14 15 17 14 25 22 14 15 O — Comparator 1 Output C2INA 5 2 5 2 22 24 5 2 5 2 22 24 I ANA Comparator 2 Input A (+) C2INB 4 1 4 1 21 23 4 1 4 1 21 23 I ANA Comparator 2 Input B (-) C2INC 8 5 7 4 24 26 8 5 7 4 24 26 I ANA Comparator 2 Input C (+) C2IND 7 4 6 3 23 25 7 4 6 3 23 25 I ANA Comparator 2 Input D (-) C2OUT 14 11 20 17 7 7 11 8 16 13 43 47 O — Comparator 2 Output |