| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC24FV32KA302 Fiches technique(PDF) 98 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FV32KA302 Fiches technique(HTML) 98 Page - Microchip Technology |
|
98 / 320 page ![]() PIC24FV32KA304 FAMILY DS39995B-page 98 2011 Microchip Technology Inc. REGISTER 8-16: IEC5: INTERRUPT ENABLE CONTROL REGISTER 5 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 U-0 R/W-0 — — — — — — —ULPWUIE bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-1 Unimplemented: Read as ‘0’ bit 0 ULPWUIE: Ultra Low-Power Wake-up Interrupt Enable Bit 1 = Interrupt request is enabled 0 = Interrupt request is not enabled |