| Moteur de recherche de fiches techniques de composants électroniques |
|
M24LR64-R Fiches technique(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24LR64-R Fiches technique(HTML) 76 Page - STMicroelectronics |
|
76 / 128 page ![]() Commands codes M24LR64-R 76/128 Doc ID 15170 Rev 10 26.2 Stay Quiet Command code = 0x02 On receiving the Stay Quiet command, the M24LR64-R enters the Quiet State if no error occurs, and does NOT send back a response. There is NO response to the Stay Quiet command even if an error occurs. When in the Quiet state: ● the M24LR64-R does not process any request if the Inventory_flag is set, ● the M24LR64-R processes any Addressed request The M24LR64-R exits the Quiet State when: ● it is reset (power off), ● receiving a Select request. It then goes to the Selected state, ● receiving a Reset to Ready request. It then goes to the Ready state. The Stay Quiet command must always be executed in Addressed mode (Select_flag is reset to 0 and Address_flag is set to 1). Table 36. Stay Quiet request format Request SOF Request flags Stay Quiet UID CRC16 Request EOF 8 bits 02h 64 bits 16 bits Figure 52. Stay Quiet frame exchange between VCD and M24LR64-R VCD SOF Stay Quiet request EOF M24LR64-R Timing |