| Moteur de recherche de fiches techniques de composants électroniques |
|
M24LR64-R Fiches technique(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24LR64-R Fiches technique(HTML) 55 Page - STMicroelectronics |
|
55 / 128 page ![]() M24LR64-R Unique identifier (UID) Doc ID 15170 Rev 10 55/128 13 Unique identifier (UID) The M24LR64-R is uniquely identified by a 64-bit unique identifier (UID). This UID complies with ISO/IEC 15963 and ISO/IEC 7816-6. The UID is a read-only code and comprises: ● 8 MSBs with a value of E0h ● The IC manufacturer code of ST 02h, on 8 bits (ISO/IEC 7816-6/AM1) ● a unique serial number on 48 bits With the UID each M24LR64-R can be addressed uniquely and individually during the anticollision loop and for one-to-one exchanges between a VCD and an M24LR64-R. Table 18. UID format MSB LSB 63 56 55 48 47 0 0xE0 0x02 Unique serial number |