Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIC3003 Fiches technique(PDF) 20 Page - Micrel Semiconductor

No de pièce MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Fiches technique(HTML) 20 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 16Page - Micrel Semiconductor MIC3003 Datasheet HTML 17Page - Micrel Semiconductor MIC3003 Datasheet HTML 18Page - Micrel Semiconductor MIC3003 Datasheet HTML 19Page - Micrel Semiconductor MIC3003 Datasheet HTML 20Page - Micrel Semiconductor MIC3003 Datasheet HTML 21Page - Micrel Semiconductor MIC3003 Datasheet HTML 22Page - Micrel Semiconductor MIC3003 Datasheet HTML 23Page - Micrel Semiconductor MIC3003 Datasheet HTML 24Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
20
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Serial Address A2h
Byte
Bit
Default Value
Description
7
0
Masking bit for Temperature High Alarm interrupt source
6
0
Masking bit for Temperature Low Alarm interrupt source
5
0
Masking bit for Voltage High Alarm interrupt source
4
0
Masking bit for Voltage Low Alarm interrupt source
3
0
Masking bit for Bias High Alarm interrupt source
2
0
Masking bit for Bias Low Alarm interrupt source
1
0
Masking bit for TX Power High Alarm interrupt source
248
0
0
Masking bit for TX Power Low Alarm interrupt source
7
0
Masking bit for RX Power High Alarm interrupt source
6
1
Masking bit for RX Power Low Alarm interrupt source
249
[5-0]
Reserved
Table 7. Alarms Interrupt Sources Masking Bits
Serial Address A2h
Byte
Bit
Default Value
Description
7
0
Masking bit for Temperature High Warning interrupt
source
6
0
Masking bit for Temperature Low Warning interrupt
source
5
0
Masking bit for Voltage High Warning interrupt source
4
0
Masking bit for Voltage Low Warning interrupt source
3
0
Masking bit for Bias High Warning interrupt source
2
0
Masking bit for Bias Low Warning interrupt source
1
0
Masking bit for TX Power High Warning interrupt source
250
0
0
Masking bit for TX Power Low Warning interrupt source
7
0
Masking bit for RX Power High Warning interrupt source
6
1
Masking bit for RX Power Low Warning interrupt source
251
[5-0]
Reserved
Table 8. Warnings Interrupt Sources Masking Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75