Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIC3003 Fiches technique(PDF) 7 Page - Micrel Semiconductor

No de pièce MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Fiches technique(HTML) 7 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 3Page - Micrel Semiconductor MIC3003 Datasheet HTML 4Page - Micrel Semiconductor MIC3003 Datasheet HTML 5Page - Micrel Semiconductor MIC3003 Datasheet HTML 6Page - Micrel Semiconductor MIC3003 Datasheet HTML 7Page - Micrel Semiconductor MIC3003 Datasheet HTML 8Page - Micrel Semiconductor MIC3003 Datasheet HTML 9Page - Micrel Semiconductor MIC3003 Datasheet HTML 10Page - Micrel Semiconductor MIC3003 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
7
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
List of Tables
Table 1.
MIC3003 Serial Interface Address Map, Device Address = A0h ............................................................... 15
Table 2.
MIC3003 Serial Interface Address Map, Device Address = A2h ............................................................... 15
Table 3.
MIC3003 Serial Interface Address Map (Temperature Compensation Tables), Device Address = A4h... 16
Table 4.
MIC3003 Serial Interface Address Map (OEM Configuration Registers), Device Address = A6h............. 17
Table 5.
A/D Input Signal Ranges and Resolutions ................................................................................................ 19
Table 6.
VAUX Input Signal Ranges and Resolutions ............................................................................................... 19
Table 7.
Alarms Interrupt Sources Masking Bits ..................................................................................................... 20
Table 8.
Warnings Interrupt Sources Masking Bits ................................................................................................. 20
Table 9.
RESETOUT Clear Delay ........................................................................................................................... 21
Table 10.
LSB Values of Offset Coefficients ............................................................................................................. 23
Table 11.
Internal Calibration Coefficient Memory Map – Part I................................................................................ 24
Table 12.
Internal Calibration Coefficient Memory Map – Part II............................................................................... 24
Table 13.
Shutdown State of SHDN vs. Configuration Bits...................................................................................... 27
Table 14.
Shutdown State of VBIAS vs. Configuration Bits ........................................................................................ 27
Table 15.
Shutdown State of VMOD vs. Configuration Bits ........................................................................................ 27
Table 16.
Temperature Compensation Look-up Tables............................................................................................ 30
Table 17.
APC Temperature Compensation Look-Up Table.................................................................................... 31
Table 18.
IMOD Temperature Compensation Look-Up Table..................................................................................... 31
Table 19.
IBIAS Comparator Temperature Compensation Look-Up Table.................................................................. 31
Table 20.
BIAS Current High Alarm Temperature Compensation Table .................................................................. 31
Table 21.
MIC3003 Alarm and Warning Events ........................................................................................................ 33
Table 22.
Test and Diagnostic Features.................................................................................................................... 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75