Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F1526 Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce PIC16F1526
Description  64-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1526 Fiches technique(HTML) 7 Page - Microchip Technology

Back Button PIC16F1526 Datasheet HTML 3Page - Microchip Technology PIC16F1526 Datasheet HTML 4Page - Microchip Technology PIC16F1526 Datasheet HTML 5Page - Microchip Technology PIC16F1526 Datasheet HTML 6Page - Microchip Technology PIC16F1526 Datasheet HTML 7Page - Microchip Technology PIC16F1526 Datasheet HTML 8Page - Microchip Technology PIC16F1526 Datasheet HTML 9Page - Microchip Technology PIC16F1526 Datasheet HTML 10Page - Microchip Technology PIC16F1526 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 354 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41458A-page 7
PIC16(L)F1526/27
TABLE 1:
64-PIN DEVICE ALLOCATION TABLE (PIC16(L)F1526/27) (CONTINUED)
RE7
59
—
—
CCP2(2)
——
—
Y
—
RF0
18
AN16
—
—
—
—
—
—
VCAP
RF1
17
AN6
—
—
—
—
—
—
—
RF2
16
AN7
—
—
—
—
—
—
—
RF3
15
AN8
—
—
—
—
—
—
—
RF4
14
AN9
—
—
—
—
—
—
—
RF5
13
AN10
—
—
—
—
—
—
—
RF6
12
AN11
—
—
—
—
—
—
—
RF7
11
AN5
—
—
—
SS1
——
—
RG0
3
—
—
CCP3
—
—
—
—
—
RG1
4
AN15
—
—
TX2/CK2
—
—
—
—
RG2
5
AN14
—
—
RX2/DT2
—
—
—
—
RG3
6
AN13
—
CCP4
—
—
—
—
—
RG4
8
AN12
T5G
CCP5
—
—
—
—
—
RG5
7
—
—
—
—
—
—
Y(3)
MCLR/VPP
VDD
10, 26,
38, 57
—
—
—
—
—
—
—
VDD
VSS
9, 25,
41, 56
——
—
—
—
—
—
VSS
AVDD
19
—
—
—
—
—
—
—
AVDD
AVSS
20
—
—
—
—
—
—
—
AVSS
Note 1:
Peripheral pin location selected using APFCON register. Default Location.
2:
Peripheral pin location selected using APFCON register. Alternate Location.
3:
Weak pull-up is always enabled when MCLR is enabled, otherwise the pull-up is under user control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More