| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F1526 Fiches technique(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1526 Fiches technique(HTML) 4 Page - Microchip Technology |
|
4 / 354 page ![]() PIC16(L)F1526/27 DS41458A-page 4 Preliminary 2011 Microchip Technology Inc. TABLE 1: PIC16(L)F1526/27 FAMILY TYPES FIGURE 1: 64-PIN TQFP (10MM X 10MM) PACKAGE DIAGRAM FOR PIC16(L)F1526/27 Device Program Memory Flash (words) SRAM (bytes) I/Os 10-bit A/D (ch) Timers 8/16-bit EUSART MSSP (I2C™/SPI) CCP PIC16F1526 PIC16LF1526 8192 768 54 30 6/3 2 2 10 PIC16F1527 PIC16LF1527 16384 1536 54 30 6/3 2 2 10 1 2 3 4 5 6 7 8 9 10 11 12 13 14 38 37 36 35 34 33 50 49 17 18 19 20 21 22 23 24 25 26 RE1 RE0 RG0 RG1 RG2 RG3 VPP/MCLR/RG5 RG4 VSS VDD RF7 RF6 RF5 RF4 RF3 RF2 RB0 RB1 RB2 RB3 RB4 RB5 RB6 VSS RA6 RA7 VDD RB7 RC4 RC3 RC2 RC5 15 16 31 40 39 27 28 29 30 32 48 47 46 45 44 43 42 41 54 53 52 51 58 57 56 55 60 59 64 63 62 61 TQFP Note 1: See TABLE 1-2: “PIC16(L)F1526 Pinout Description” for list of pin peripheral function. PIC16(L)F1526 PIC16(L)F1527 |