| Moteur de recherche de fiches techniques de composants électroniques |
|
DOC200103 Fiches technique(PDF) 11 Page - Vectron International, Inc |
|
|
|||||||||||||||||||||||||||||
DOC200103 Fiches technique(HTML) 11 Page - Vectron International, Inc |
|
11 / 20 page ![]() SIZE CODE IDENT NO. UNSPECIFIED TOLERANCES DWG NO. REV. SHEET A 00136 N/A DOC200103 C 11 OPERATION LISTING REQUIREMENTS AND CONDITIONS VECTRON TEST PROCEDURE @ all Electrical tests Input Current (no load) MIL-PRF-55310, Para 4.8.5.1 GR-51681 Initial Accuracy @ Ref. Temp. MIL-PRF-55310, Para 4.8.6 GR-51596 Output Logic Voltage Levels MIL-PRF-55310, Para 4.8.21.3 GR-51597 Rise and Fall Times MIL-PRF-55310, Para 4.8.22 GR-51599 Duty Cycle MIL-PRF-55310, Para 4.8.23 GR-51601 @ Post Burn-In Electrical only Overvoltage Survivability MIL-PRF-55310, Para 4.8.4 GR-37269 Initial Freq. – Temp. Accuracy MIL-PRF-55310, Para 4.8.10.1 GR-51602 Freq. – Voltage Tolerance MIL-PRF-55310, Para 4.8.14 GR-51602 Start-up Time (fast/slow start) MIL-PRF-55310, Para 4.8.29 GR-61352 TABLE 3 - Electrical Test Parameters |