Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZR431F005 Fiches technique(PDF) 7 Page - Diodes Incorporated

No de pièce ZR431F005
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZR431F005 Fiches technique(HTML) 7 Page - Diodes Incorporated

  ZR431F005 Datasheet HTML 1Page - Diodes Incorporated ZR431F005 Datasheet HTML 2Page - Diodes Incorporated ZR431F005 Datasheet HTML 3Page - Diodes Incorporated ZR431F005 Datasheet HTML 4Page - Diodes Incorporated ZR431F005 Datasheet HTML 5Page - Diodes Incorporated ZR431F005 Datasheet HTML 6Page - Diodes Incorporated ZR431F005 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ZR431
TO92
Package Suffix – C
Bottom View
CONNECTION DIAGRAMS
SOT223
Package Suffix – G
Top View –
Pin 4 floating or connected to pin 2
SOT23
Package Suffix – F
Top View
Part Number
Package
Tol.
%
Part Mark
ZR431C01
TO92
1.0
ZR43101
ZR431C
TO92
2.0
ZR431
ZR431G01
SOT223
1.0
ZR43101
ZR431G
SOT223
2.0
ZR431
ZR431F005
SOT23
0.5
43R
ZR431F01
SOT23
1.0
43B
ZR431F
SOT23
2.0
43A
ORDERING INFORMATION
4-195
78



Html Pages

1 2 3 4 5 6 7