Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZR431F005 Fiches technique(PDF) 6 Page - Diodes Incorporated

No de pièce ZR431F005
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZR431F005 Fiches technique(HTML) 6 Page - Diodes Incorporated

  ZR431F005 Datasheet HTML 1Page - Diodes Incorporated ZR431F005 Datasheet HTML 2Page - Diodes Incorporated ZR431F005 Datasheet HTML 3Page - Diodes Incorporated ZR431F005 Datasheet HTML 4Page - Diodes Incorporated ZR431F005 Datasheet HTML 5Page - Diodes Incorporated ZR431F005 Datasheet HTML 6Page - Diodes Incorporated ZR431F005 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IL
Input
Fig 1 – Test Circuit for V
z=Vref
DC TEST CIRCUITS
Fig 2 – Test Circuit for V
z>Vref
Input
V
I
Z
zoff
Fig 3 – Test Circuit for Off
State current
ZR431
4-194
NOTES
Deviation of reference input voltage, Vdev, is defined as the maximum variation of the reference
input voltage over the full temperature range.
The average temperature coefficient of the reference input voltage, Vref is defined as:
Vref (ppm ⁄ °C)=
Vdev x 1000000
Vref (T1−T2)
The dynamic output impedance, Rz, is defined as:
RZ =
∆V
Z
∆I
Z
When the device is programmed with two external
resistors, R1
and R2, (fig 2) , the dynamic
output
impedance of the overall circuit, R’, is defined as:
R’
=R
z (1+
R1
R2
)
Vmax
Vmin
Vdev = Vmax - Vmin
78



Html Pages

1 2 3 4 5 6 7