Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PJ3L85 Fiches technique(PDF) 3 Page - Pan Jit International Inc.

No de pièce PJ3L85
Description  DATA BUS TERMINATOR / 3-PHASE, FULL WAVE BRIDGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJ3L85 Fiches technique(HTML) 3 Page - Pan Jit International Inc.

  PJ3L85_08 Datasheet HTML 1Page - Pan Jit International Inc. PJ3L85_08 Datasheet HTML 2Page - Pan Jit International Inc. PJ3L85_08 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PJ3L85
www.panjit.com
12/9/2008
Page 3
PACKAGE LAYOUT AND SUGGESTED PAD DIMENSIONS
PJ3L85 T/R7 - 7 inch reel, 3K units per reel
PJ3L85 T/R13 - 13 inch reel, 10K units per reel
Copyright PanJit International, Inc 2009
The inform ation presented in this docum ent is believed to be accurate and reliable. The specifications and inform ation
herein are subject to change without notice. Pan Jit m akes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or
systems. Pan Jit does not convey any license under its patent rights or rights of others.
ORDERING INFORMATION
Note :
1.To protect data lines and the power line, connect pins 2 and 3 directly to the positive supply rail (VCC).In this configuration the data
lines are referenced to the supply voltage. An external TVS diode may be added between the supply rail and ground in order to
prevent over-voltage on the supply rail.
2.In applications where no positive supply reference is available, or complete supply isolation is desired, an external TVS diode may
be used as the reference.The steering diodes will begin to conductwhen the voltage on the protected line exceeds theworking
voltage of the TVS (plus one diode drop).



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com