Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PJ3L85 Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce PJ3L85
Description  DATA BUS TERMINATOR / 3-PHASE, FULL WAVE BRIDGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJ3L85 Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  PJ3L85_08 Datasheet HTML 1Page - Pan Jit International Inc. PJ3L85_08 Datasheet HTML 2Page - Pan Jit International Inc. PJ3L85_08 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.panjit.com
12/9/2008
Page 2
T = 25°C, unless otherwise noted
ELECTRICAL CHARACTERISTICS (Each Diode)
PJ3L85
J
Characteristic
Symbol
Units
Forward Voltage (Note 2)
V
Reverse Leakage Current (Note 2)
F
V
I R
0.90
1.10
1.00
0.76
0.92
0.84
-
-
-
IF = 50mA
IF = 1.0mA
IF = 10mA
1.25
-
1.00
-
-
85
IF = 150mA
Total Capacitance
VR = 0V, f = 1.0 MHz
C
pF
2.0
1.25
-
Per Element
ELECTRICAL CHARACTERISTIC CURVES (Each Diode)
Reverse Breakdown Voltage (Note 2)
IR = 100uA
VBR
V
Max
Typ
Min
VR = 75V
Note 2: Short duration test pulse to minimize self heating
5.0
-
-
Reverse Recovery Time
t rr
us
3.0
-
-
IF = IR = 10mA
Irr = 1.0mA, RL = 100 Ohm
Data Line to Ground
6
-
2.0
VR = 75V, Tj = 150°C
nA
80
-
-
T
Between Data Lines
7
-
3.0
0.001
0.01
0.1
1
10
0
50
100
150
200
T
J , Junction Te m pe r atur e (De g C)
V
R = 75V
0.1
1
10
100
1000
0.2
0.4
0.6
0.8
1
1.2
V
F , For w ard Voltage (V)
T
A = 25 °C
T
A = - 25 °C
T
A = 75 °C
T
A = 125 °C
Fig. 1. Typical Forward Voltage
Fig. 2. Typical Reverse Current



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com