Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS521 Fiches technique(PDF) 3 Page - Diodes Incorporated

No de pièce BAS521
Description  HIGH VOLTAGE SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS521 Fiches technique(HTML) 3 Page - Diodes Incorporated

  BAS521 Datasheet HTML 1Page - Diodes Incorporated BAS521 Datasheet HTML 2Page - Diodes Incorporated BAS521 Datasheet HTML 3Page - Diodes Incorporated BAS521 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAS521
Document number: DS32175 Rev. 4 - 2
3 of 4
www.diodes.com
July 2010
© Diodes Incorporated
BAS521
Package Outline Dimensions
Suggested Pad Layout
SOD-523
Dim
Min
Max
A
0.25
0.35
B
0.70
0.90
C
1.50
1.70
H
1.10
1.30
K
0.55
0.65
L
0.10
0.30
M
0.10
0.12
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.3
G
1.1
X
0.8
Y
0.6
C
1.7
H
C
A
B
K
M
L
Z
X
C
G
Y



Html Pages

1 2 3 4