| Moteur de recherche de fiches techniques de composants électroniques |
|
BAS521 Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
BAS521 Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 4 page ![]() BAS521 Document number: DS32175 Rev. 4 - 2 2 of 4 www.diodes.com July 2010 © Diodes Incorporated BAS521 0 125 175 350 100 200 0 T , AMBIENT TEMPERATURE ( C) Fig. 1 Power Derating Curve, Total Package A ° 25 100 50 75 150 50 150 250 300 Note 2 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, Per Element F 0.1 1 10 100 1,000 0.1 1 10 100 1,000 10,000 100,000 0 50 100 150 200 250 300 V , INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics, Per Element R T = - ºC A 55 T = 25ºC A T = 5ºC A 8 T = 125ºC A T = 150ºC A 0 0.2 0.4 0.6 0.8 1.0 1.2 010 20 30 40 Ordering Information (Note 5) Part Number Case Packaging BAS521-7 SOD-523 3000/Tape & Reel (Note 6) Notes: 5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 6. Dispensed in every other cavity of the tape. Marking Information 99 = Product Type Marking Code 99 |