Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6460TR Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 39Page - STMicroelectronics L6460TR Datasheet HTML 40Page - STMicroelectronics L6460TR Datasheet HTML 41Page - STMicroelectronics L6460TR Datasheet HTML 42Page - STMicroelectronics L6460TR Datasheet HTML 43Page - STMicroelectronics L6460TR Datasheet HTML 44Page - STMicroelectronics L6460TR Datasheet HTML 45Page - STMicroelectronics L6460TR Datasheet HTML 46Page - STMicroelectronics L6460TR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 139 page
background image
L6460
Start-up configurations
Doc ID 17713 Rev 1
43/139
8.6.6
Secondary regulators mode
In this configuration, bridge 3 is configured as a single synchronous switching regulator
using its two half bridges in parallel (VAUX_(1//2)SW).
When in this mode the power-up sequence is:
1.
Main switching regulator (VSWmain).
2.
Auxiliary switching regulator (VAUX(1//2)_SW).
3.
Main linear regulator (VLINmain).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More