Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6460TR Fiches technique(PDF) 65 Page - STMicroelectronics

No de pièce L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Fiches technique(HTML) 65 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 61Page - STMicroelectronics L6460TR Datasheet HTML 62Page - STMicroelectronics L6460TR Datasheet HTML 63Page - STMicroelectronics L6460TR Datasheet HTML 64Page - STMicroelectronics L6460TR Datasheet HTML 65Page - STMicroelectronics L6460TR Datasheet HTML 66Page - STMicroelectronics L6460TR Datasheet HTML 67Page - STMicroelectronics L6460TR Datasheet HTML 68Page - STMicroelectronics L6460TR Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 139 page
background image
L6460
Power bridges
Doc ID 17713 Rev 1
65/139
Figure 18.
Bipolar stepper configuration
Using the StepCtrlMode[2:0] bits in StepCfg1 register, L6460 can be programmed to
internally generate the stepping levels. In these cases and depending on the StepFromGpio
bit in the StpCfg1 register the Stepper driver will move to next step each time the StepCmd
bit is set at logic level “1” or at each pulse transition longer than ~1
µs externally applied on
GPIO12 (StepReq signal), according to Table 21.
Vsupply
Sense
PH+
PH-
Supply
DC3_PH+
DC3_PH-
DC4 PH+
DC4 PH-
DC3SENSE
DC4SENSE
Stepper
Motor
Sense
PH+
PH-
Supply
VRefB
VRefA
- Control Logic
- Toff generation
- DAC reference
selection
Bridge Driver
Bridge Driver
VSTEPREF
VRefB
VRefA
StepperDACPhA
StepperDACPhB
SelStepRef
Ref1
Ref2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More