| Moteur de recherche de fiches techniques de composants électroniques |
|
EV6021 Fiches technique(PDF) 16 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
EV6021 Fiches technique(HTML) 16 Page - CML Microcircuits |
|
16 / 28 page ![]() Evaluation Kit for CMX602B EV6021 2000 Consumer Microcircuits Limited 16 UM6021/4 1.6.2.4 RxFSK dialog box The EV6021 board is instructed to operate the CMX602B in receive mode with data re-timing selected. Characters received by the CMX602B will be displayed in the main read-only edit box. The display is limited to 20,000 characters and will be cleared when this limit is exceeded. The display can be cleared by the user by clicking the ‘Clear’ button. Click cancel to return to the main window. |