| Moteur de recherche de fiches techniques de composants électroniques |
|
EV6021 Fiches technique(PDF) 7 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
EV6021 Fiches technique(HTML) 7 Page - CML Microcircuits |
|
7 / 28 page ![]() Evaluation Kit for CMX602B EV6021 2000 Consumer Microcircuits Limited 7 UM6021/4 TEST POINTS - EVALUATION BOARD Test Point Ref. Default Measurement Description TP1 0V VSS connection. TP2 0V VSS connection. TP3 VDD/2 Line signal after transformer. TP4 VDD/2 Hybrid transmit output (Local Voice). TP5 VDD/2 Hybrid receive output (Remote Voice). TP6 - Muteable local speech input. TP7 - CMX602B RD input, pin 3. TP8 - CMX602B RT signal, pin 4. TP9 - CMX602B AOP signal, pin 5. TP10 - CMX602B RXD output, pin 15. TP11 - CMX602B RXCK input, pin 14. TP12 - CMX602B DET output, pin 13. TP13 - CMX602B IRQN output, pin 12. A pull-up resistor R11 is included on board. TP14 0V VSS connection. TP15 0V VSS connection. TP16 VDD VPP programming voltage input for PIC16C74A. TP17 8 - 14V VIN connection. TP18 3.3V VDD connection. |