| Moteur de recherche de fiches techniques de composants électroniques |
|
CMX625P4 Fiches technique(PDF) 15 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
CMX625P4 Fiches technique(HTML) 15 Page - CML Microcircuits |
|
15 / 34 page ![]() ISDN TA POTS Interface CMX625 2001 Consumer Microcircuits Limited 15 D/625/2 Tone Field 0, MODE Register bit 1 and bit 0 = ‘0’ and ‘0’ respectively. TX TONES Register Bits 4-7 Frequency TX TONES Register Bits 0-3 Frequency D7 D6 D5 D4 (Hz) D3 D2 D1 D0 (Hz) 0 0 0 0 0 = OFF 0 0 0 0 0 = OFF 0 0 0 1 252.4 0 0 0 1 * 17.1 0 0 1 0 268.7 0 0 1 0 * 20.5 0 0 1 1 285.3 0 0 1 1 * 24.9 0 1 0 0 315.5 0 1 0 0 * 34.1 0 1 0 1 330.5 0 1 0 1 * 41.0 0 1 1 0 375.2 0 1 1 0 * 51.2 0 1 1 1 404.3 0 1 1 1 - 1 0 0 0 468.0 1 0 0 0 262.9 1 0 0 1 495.8 1 0 0 1 293.6 1 0 1 0 520.6 1 0 1 0 348.2 1 0 1 1 548.0 1 0 1 1 392.6 1 1 0 0 562.8 1 1 0 0 1600 1 1 0 1 578.4 1 1 0 1 1633 1 1 1 0 595.0 1 1 1 0 1827 1 1 1 1 612.5 1 1 1 1 587.2 NOTE: * These outputs are routed to the RING digital output instead of the TONEFSK output. Any single tone output level at TONEFSK output is 0dBm. Tone Field 1, MODE Register bit 1 and bit 0 = ‘0’ and ‘1’ respectively TX TONES Register Bits 4-7 Frequency TX TONES Register Bits 0-3 Frequency D7 D6 D5 D4 (Hz) D3 D2 D1 D0 (Hz) 0 0 0 0 0 = OFF 0 0 0 0 0 = OFF 0 0 0 1 120 0 0 0 1 330 0 0 1 0 150 0 0 1 0 416 0 0 1 1 154 0 0 1 1 420 0 1 0 0 250 0 1 0 0 425 0 1 0 1 300 0 1 0 1 433 0 1 1 0 350 0 1 1 0 440 0 1 1 1 360 0 1 1 1 450 1 0 0 0 367 1 0 0 0 460 1 0 0 1 375 1 0 0 1 480 1 0 1 0 380 1 0 1 0 500 1 0 1 1 383 1 0 1 1 600 1 1 0 0 400 1 1 0 0 620 1 1 0 1 450 1 1 0 1 720 1 1 1 0 475 1 1 1 0 930 1 1 1 1 480 1 1 1 1 - |