Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP33C Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce TIP33C
Description  Complementary power transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP33C Fiches technique(HTML) 5 Page - STMicroelectronics

  TIP33C Datasheet HTML 1Page - STMicroelectronics TIP33C Datasheet HTML 2Page - STMicroelectronics TIP33C Datasheet HTML 3Page - STMicroelectronics TIP33C Datasheet HTML 4Page - STMicroelectronics TIP33C Datasheet HTML 5Page - STMicroelectronics TIP33C Datasheet HTML 6Page - STMicroelectronics TIP33C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TIP34C
Package mechanical data
5/7
Dim.
mm.
Min.
Typ
Max.
A4.855.15
A1
2.20
2.60
b
1.0
1.40
b1
2.0
2.40
b2
3.0
3.40
c0.40
0.80
D19.85
20.15
E
15.45
15.75
e5.45
L
14.20
14.80
L1
3.70
4.30
L2
18.50
øP
3.55
3.65
øR
4.50
5.50
S
5.50
TO-247 Mechanical data



Html Pages

1 2 3 4 5 6 7