Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP33C Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce TIP33C
Description  Complementary power transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP33C Fiches technique(HTML) 4 Page - STMicroelectronics

  TIP33C Datasheet HTML 1Page - STMicroelectronics TIP33C Datasheet HTML 2Page - STMicroelectronics TIP33C Datasheet HTML 3Page - STMicroelectronics TIP33C Datasheet HTML 4Page - STMicroelectronics TIP33C Datasheet HTML 5Page - STMicroelectronics TIP33C Datasheet HTML 6Page - STMicroelectronics TIP33C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Package mechanical data
TIP34C
4/7
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in
ECOPACK® packages. These packages have a Lead-free second level
interconnect . The category of second level interconnect is marked on the package
and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box
label. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com



Html Pages

1 2 3 4 5 6 7