Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RHFL4913ESY331 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce RHFL4913ESY331
Description  Rad-hard positive fixed voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY331 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button RHFL4913ESY331 Datasheet HTML 11Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 12Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 13Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 14Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 15Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 16Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 17Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 18Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
18/19
Doc ID 10004 Rev 11
10
Revision history
Table 8.
Document revision history
Date
Revision
Changes
05-May-2004
4
Mistake in pin description SMD.5 on table 3.
28-Oct-2004
5
New order codes added - tables 4 and 5.
27-May-2005
6
The features, tables 4, 5 and the figures 1, 2 updated.
08-Jun-2005
7
Modified: PD on table 1, the RthJC for TO-257 on table 2 and the tables 6 and 7,
added DIE information.
26-Aug-2008
8
Added new output 1.5 V, modified: Table 4 on page 6, Table 5 on page 16 and
Table 6 on page 17.
02-Oct-2008
9
Modified: Features on page 1, Application information on page 10 and SMD.5
mechanical data on page 14.
20-Nov-2009
10
Modified: Table 5 on page 16.
19-Oct-2010
11
Modified: Section 7 on page 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19