Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RHFL4913ESY331 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce RHFL4913ESY331
Description  Rad-hard positive fixed voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY331 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button RHFL4913ESY331 Datasheet HTML 9Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 10Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 11Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 12Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 13Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 14Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 15Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 16Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
Package mechanical data
Doc ID 10004 Rev 11
13/19
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.16
2.72
0.085
0.107
b
0.43
0.017
c0.13
0.005
D
9.910.390
E6.91
0.272
E2
4.32
0.170
E3
0.76
0.030
e
1.27
0.050
L
6.72
0.265
Q
0.66
1.14
0.026
0.045
S1
0.13
0.005
Flat-16 (MIL-STD-1835) mechanical data
7450901A
1
8
16
e
b
c
L
E
D
S1
Q
A
E2
E3
L
E3
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19