| Moteur de recherche de fiches techniques de composants électroniques |
|
M41T66 Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T66 Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 33 page ![]() Clock operation M41T66 22/33 3.9 Initial power-on defaults Upon application of power to the device, the register bits will initially power-on in the state indicated in Table 5. Table 5. Initial power-on default values Condition ST OF OFIE OUT AFE SQWE RS3-1 RS0 Watchdog Initial power-up(1) 1. All other control bits power-up in an undetermined state. 01 0 1 0 1 0 1 0 Table 6. Century bits examples CB0 CB1 Leap year? Example(1) 1. Leap year occurs every four years (for years evenly divisible by four), except for years evenly divisible by 100. The only exceptions are those years evenly divisible by 400 (the year 2000 was a leap year, year 2100 is not). 00 Yes 2000 0 1 No 2100 1 0 No 2200 1 1 No 2300 |