Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41T66 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce M41T66
Description  Serial access real-time clock with alarms
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T66 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button M41T66 Datasheet HTML 8Page - STMicroelectronics M41T66 Datasheet HTML 9Page - STMicroelectronics M41T66 Datasheet HTML 10Page - STMicroelectronics M41T66 Datasheet HTML 11Page - STMicroelectronics M41T66 Datasheet HTML 12Page - STMicroelectronics M41T66 Datasheet HTML 13Page - STMicroelectronics M41T66 Datasheet HTML 14Page - STMicroelectronics M41T66 Datasheet HTML 15Page - STMicroelectronics M41T66 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Operation
M41T66
12/33
2.3
WRITE mode
In this mode the master transmitter transmits to the M41T66 slave receiver. Bus protocol is
shown in Figure 10. Following the START condition and slave address, a logic '0' (R/W=0) is
placed on the bus and indicates to the addressed device that word address “An” will follow
and is to be written to the on-chip address pointer. The data word to be written to the
memory is strobed in next and the internal address pointer is incremented to the next
address location on the reception of an acknowledge clock. The M41T66 slave receiver will
send an acknowledge clock to the master transmitter after it has received the slave address
see Figure 7 on page 11 and again after it has received the word address and each data
byte.
Figure 10.
WRITE mode sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33