Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADCREF0 Fiches technique(PDF) 29 Page - ATMEL Corporation

No de pièce ADCREF0
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCREF0 Fiches technique(HTML) 29 Page - ATMEL Corporation

Back Button ADCREF0 Datasheet HTML 22Page - ATMEL Corporation ADCREF0 Datasheet HTML 23Page - ATMEL Corporation ADCREF0 Datasheet HTML 24Page - ATMEL Corporation ADCREF0 Datasheet HTML 25Page - ATMEL Corporation ADCREF0 Datasheet HTML 26Page - ATMEL Corporation ADCREF0 Datasheet HTML 27Page - ATMEL Corporation ADCREF0 Datasheet HTML 28Page - ATMEL Corporation ADCREF0 Datasheet HTML 29Page - ATMEL Corporation ADCREF0 Datasheet HTML 30Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
AVR32768
29
32157A-AVR-12/10
11.1 Static memory.................................................................................................. 19
11.1.1 16-bit static memory .............................................................................................. 19
11.1.2 8-bit static memory ................................................................................................ 19
11.1.3 2 x 8-bit static memory .......................................................................................... 19
11.2 SDRAM............................................................................................................ 20
11.2.1 16-bit SDRAM ....................................................................................................... 20
11.2.2 2 x 8-bit SDRAM.................................................................................................... 20
11.2.3 4 x 4-bit SDRAM.................................................................................................... 21
12 Quadrature decoder..................................................................... 22
13 CAN interface ............................................................................... 23
14 JTAG and Nexus debug ports..................................................... 24
14.1 JTAG port interface ......................................................................................... 24
14.2 Nexus port interface ........................................................................................ 24
14.3 aWire port interface ......................................................................................... 26
15 Table of Contents......................................................................... 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30