Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADCREF0 Fiches technique(PDF) 2 Page - ATMEL Corporation

No de pièce ADCREF0
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCREF0 Fiches technique(HTML) 2 Page - ATMEL Corporation

  ADCREF0 Datasheet HTML 1Page - ATMEL Corporation ADCREF0 Datasheet HTML 2Page - ATMEL Corporation ADCREF0 Datasheet HTML 3Page - ATMEL Corporation ADCREF0 Datasheet HTML 4Page - ATMEL Corporation ADCREF0 Datasheet HTML 5Page - ATMEL Corporation ADCREF0 Datasheet HTML 6Page - ATMEL Corporation ADCREF0 Datasheet HTML 7Page - ATMEL Corporation ADCREF0 Datasheet HTML 8Page - ATMEL Corporation ADCREF0 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
AVR32768
32157A-AVR-12/10
2 Abbreviations
DAC
Digital-to-analog converter
DFU
Direct Firmware Upgrade
ISP
In-System Programming
MII
Media Independent Interface
QDEC
Quadrature decoder
RMII
Reduced Media Independent Interface
S/H
Sample and Hold
WOL
Wake-on-LAN
3 References
3.1 Device datasheet
The device datasheet contains block diagrams of the peripherals and details about
implementing
firmware
for
the
device.
The
datasheet
is
available
on
http://www.atmel.com/AVR in the Datasheets section.
3.2 The AVR Software Framework
http://asf.atmel.no/readme.html
All pre-loaded firmware source codes are available in the Atmel AVR Software
Framework version 2.0 or higher.
3.3 The AT32UC3C-EK Getting Started
http://www.atmel.com/uc3c-ek
3.4 USB DFU boot loader
http://www.atmel.com/AVR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30